Part Number Hot Search : 
R0402 24LC02N8 AN202 RU30D8H KSH42C P04N60 P4KE91CA 21206
Product Description
Full Text Search
 

To Download STPS1045B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS1045B/H
POWER SCHOTTKY RECTIFIER
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM VF (max) FEATURES AND BENEFITS
n n n n
10 A 45 V 0.57 V
K K
NEGLIGIBLE SWITCHING LOSSES LOW FORWARD DROP VOLTAGE LOW CAPACITANCE HIGH REVERSE AVALANCHE SURGE CAPABILITY
K A
A A
K A
DESCRIPTION High voltage Schottky rectifier suited for Switch Mode Power Supplies and other Power Converters. Packaged in DPAK and IPAK, these devices are intended for use in high frequency circuitries where low switching losses are required. DPAK STPS1045B IPAK STPS1045H
ABSOLUTE MAXIMUM RATINGS Symbol VRRM IF(RMS) / pin IF(AV) IFSM IRRM Tstg Tj dV/dt Parameter Repetitive peak reverse voltage RMS forward current / pin Average forward current Surge non repetitive forward current Repetitive peak reverse current Storage temperature range Maximum junction temperature Critical rate of rise of reverse voltage Tc = 150C d = 0.5 tp = 10 ms Sinusoidal tp = 2 s F = 1KHz Value 45 7 10 75 1 - 65 to + 175 175 10000 Unit V A A A A C C V/s
May 2000 - Ed: 2B
1/5
STPS1045B/H
THERMAL RESISTANCES Symbol Rth (j-c) Junction to case Parameter Value 3 Unit C/W
STATIC ELECTRICAL CHARACTERISTICS Symbol IR * VF ** Parameter Reverse leakage current Forward voltage drop Tests Conditions Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Pulse test : * tp = 380 s, < 2 % **tp = 5 ms, < 2%
Min.
Typ. 7
Max. 100 15 0.63 0.57 0.84 0.72
Unit A mA V
VR = 45 V IF = 10 A IF = 10 A IF = 20 A IF = 20 A 0.65 0.5
To evaluate the maximum conduction losses use the following equation : P = 0.42 x IF(AV) + 0.015 IF2(RMS) Fig. 1: Average forward power dissipation versus average forward current.
PF(av)(W) 8 7 6 5 4 3 2 1 0 0 1 2 3 4 IF(av) (A) 5 6 7 8 9
=tp/T
T
Fig. 2: Average forward current versus ambient temperature (=0.5).
IF(av)(A)
= 0.05
= 0.1
= 0.2
= 0.5
12
Rth(j-a)=Rth(j-c)
10
=1
8 6 4
T
Rth(j-a)=15C/W
Rth(j-a)=70C/W
2
tp
10
11
12
0
=tp/T
tp
Tamb(C) 50 75 100 125 150 175
0
25
Fig. 3: Non repetitive surge peak forward current versus overload duration (maximum values).
IM(A) 120 100 80
Tc=50C
Fig. 4: Relative variation of thermal impedance junction to case versus pulse duration.
Zth(j-c)/Rth(j-c) 1.0 0.8 0.6 0.4 0.2
= 0.5
60
Tc=100C
40
Tc=150C
= 0.2 = 0.1
T
20
IM t
0 1E-3
=0.5
t(s) 1E-2 1E-1 1E+0
Single pulse
tp(s) 1E-2
0.0 1E-4
=tp/T
tp
1E-3
1E-1
1E+0
2/5
STPS1045B/H
Fig. 5: Reverse leakage current versus reverse voltage applied (typical values).
IR(A) 1E+5 1E+4 1E+3 1E+2 1E+1 1E+0 1E-1 0 5 10 15
Tj=150C
Fig. 6: Junction capacitance versus reverse voltage applied (typical values).
C(pF) 1000
F=1MHz Tj=25C
Tj=125C Tj=100C Tj=75C Tj=50C Tj=25C
500
200 VR(V)
30 35 40 45
VR(V) 20 25
100
1
2
5
10
20
50
Fig. 7: Forward voltage drop versus forward current (maximum values).
Fig. 8: Thermal resistance junction to ambient versus copper surface under tab (Epoxy printed circuit board, copper thickness: 35m) (STPS1045B).
Rth(j-a) (C/W) 100
IFM(A) 100.0
Tj=125C (Typical values)
80
10.0
Tj=125C
Tj=25C
60 40
1.0
20
VFM(V) 0.1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
S(Cu) (cm) 0 0 2 4 6 8 10 12 14 16 18 20
3/5
STPS1045B/H
PACKAGE MECHANICAL DATA IPAK DIMENSIONS REF.
A E B2 L2 C2
Millimeters Min. Typ. Max. Min. 2.4 1.1 1.3 0.9 5.4 0.85 0.3 0.45 0.48 6 6.4 4.4 15.9 9 0.8 0.8 10 0.95 0.6 0.6 6.2 6.6 4.6 16.3 9.4 1.2 1 0.017 0.019 0.236 0.252 0.173 0.626 0.354 0.031 0.086 0.035 0.027 0.025 0.204 2.2 0.9 0.7 0.64 5.2
Inches Typ. Max. 0.094 0.043 0.051 0.035 0.212 0.033 0.035 0.037 0.023 0.023 0.244 0.260 0.181 0.641 0.370 0.047 0.031 0.039 10
D
H L
L1
B6
B3 B V1 A1
B5 G
C A3
A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 V1
n
Cooling method: by conduction (C)
4/5
STPS1045B/H
PACKAGE MECHANICAL DATA DPAK DIMENSIONS REF. A A1 A2 B B2 C C2 D E G H L2 L4 V2 Millimeters Min. 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 6.40 4.40 9.35 0.80 0.60 0 1.00 0.023 8 0 Typ. Max 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20 6.60 4.60 10.10 Min. 0.086 0.035 0.001 0.025 0.204 0.017 0.018 0.236 0.251 0.173 0.368 0.031 0.039 8 Inches Typ. Max. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 0.259 0.181 0.397
n
Cooling method: by conduction (C)
FOOT PRINT DIMENSIONS (in millimeters)
6.7
6.7
6.7 3 1.6 2.3 2.3 1.6
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of STPS1045B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X